전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFA60UP30DNTU 데이터시트 (PDF) - Fairchild Semiconductor

부품명 FFA60UP30DNTU
상세설명  60 A, 300 V Ultrafast Dual Diode
파일 크기   2148.62 Kbytes
Html View  1   2   3   4   5 
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP30DNTU 데이터시트 (PDF) - Fairchild Semiconductor

Click to view in HTML datasheet.


유사한 부품 번호 - FFA60UP30DNTU

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FFA60UP30DNTU THINKISEMI-FFA60UP30DNTU Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


유사한 설명 - FFA60UP30DNTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
   20 A, 300 V, Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
FFAF60UA60DN FAIRCHILD-FFAF60UA60DN Datasheet
2Mb / 5P
   60 A, 600 V, Ultrafast ll Dual Diode
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
logo
Nell Semiconductor Co.,...
NKFD300 NELLSEMI-NKFD300 Datasheet
362Kb / 4P
   Ultrafast Soft Recovery Diode, 300 A
logo
Power Integrations, Inc...
LQA60A300C POWERINT-LQA60A300C Datasheet
136Kb / 8P
   300 V, 60 A Q-Series Common-Cathode Diode
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Nell Semiconductor Co.,...
NKFD300-40A NELLSEMI-NKFD300-40A Datasheet
401Kb / 4P
   FRED Ultrafast Soft Recovery Diode, 300 A
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
More results

링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com