전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0090.0030 데이터시트 (PDF) - Schurter Inc.

부품명 0090.0030
상세설명  Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
파일 크기   328.3 Kbytes
Html View  1   2   3 
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0090.0030 데이터시트 (PDF) - Schurter Inc.

Click to view in HTML datasheet.


유사한 부품 번호 - 0090.0030

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
0090.0030 SCHURTER-0090.0030 Datasheet
276Kb / 2P
   Breaking capacity
0090.0030 SCHURTER-0090.0030 Datasheet
276Kb / 2P
   Breaking capacity
0090.0030 SCHURTER-0090.0030 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
0090.0030 SCHURTER-0090.0030 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
More results


유사한 설명 - 0090.0030

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V02 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
   Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
AEO SCHURTER-AEO Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
More results

링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com